Electronic Components Datasheet Search
  English  ▼

X  

UP9511P Datasheet(PDF) 12 Page - uPI Group Inc.

Part # UP9511P
Description  8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9511P Datasheet(HTML) 12 Page - uPI Group Inc.

Back Button UP9511P Datasheet HTML 8Page - uPI Group Inc. UP9511P Datasheet HTML 9Page - uPI Group Inc. UP9511P Datasheet HTML 10Page - uPI Group Inc. UP9511P Datasheet HTML 11Page - uPI Group Inc. UP9511P Datasheet HTML 12Page - uPI Group Inc. UP9511P Datasheet HTML 13Page - uPI Group Inc. UP9511P Datasheet HTML 14Page - uPI Group Inc. UP9511P Datasheet HTML 15Page - uPI Group Inc. UP9511P Datasheet HTML 16Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
uP9511
12
uP9511-DS-C3100, Feb. 2016
www.upi-semi.com
(Note 1)
Supply Input Voltage, 5VCC ----------------------------------------------------------------------------------------------------------- -0.3V to +6V
Other Pins -------------------------------------------------------------------------------------------------------------------------------------- 0.3V to +6V
Storage Temperature Range ----------------------------------------------------------------------------------------------------------- -65OC to +150OC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150OC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260OC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V
Package Thermal Resistance (Note 3)
VQFN5x5 - 40L
θ
JA --------------------------------------------------------------------------------------------------------------------- 36
oC/W
VQFN5x5 - 40L
θ
JC ----------------------------------------------------------------------------------------------------------------------- 3
oC/W
Power Dissipation, P
D @ TA = 25
OC
VQFN5x5 - 40L ------------------------------------------------------------------------------------------------------------------------------------ 2.78W
(Note 4)
Operating Junction Temperature Range ------------------------------------------------------------------------------------------- -40oC to +125oC
Operating Ambient Temperature Range ------------------------------------------------------------------------------------------- -40oC to +85oC
Supply Input Voltage, V
CC5 -------------------------------------------------------------------------------------------------------------- 4.5V to 5.5V
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3.
θ
JA is measured in the natural convection at TA = 25
oC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com