Electronic Components Datasheet Search
  English  ▼

X  

MP100 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP100 Datasheet HTML 1Page - Monolithic Power Systems MP100 Datasheet HTML 2Page - Monolithic Power Systems MP100 Datasheet HTML 3Page - Monolithic Power Systems MP100 Datasheet HTML 4Page - Monolithic Power Systems MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
3
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
TA = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Supply (Pin VIN)
Input Voltage
VIN
700
V
Input Supply Quiescent Current
IINQS
VD=30V,
VIN=60V,No Load
20
μA
Input Voltage Threshold Fast
VTHVINFAST
32
38
V
Input Voltage Threshold Fast Hysteresis
VTHVINFASTHYS
3.5
V
Input Voltage Threshold Slow
VTHVINSLOW
27
32
V
Input Voltage Threshold Slow Hysteresis
VTHVINSLOWHYS
2
V
MOSFET ON Resistance
Rdson
VIN=20V
9.5
Ω
Energy Store Section (Pin VD)
VD Peak-Voltage Limit
VDLMT
27
32.5
V
VD UVLO
VDUVLO
6.3
7.4
V
Output Enable VD Threshold
VDTHOUT
13.2
17.5
V
Active Bleeder VD Threshold off
VDTHBLEEDER
13.2
17.5
V
Hysteresis
VDTHOUTHYS
1.3
V
Bleeder Current
IBLEED
240
μA
Adjustable Output Voltage (Pin VOUT)
Vo Regulated Voltage
Vo
VD=30V,Io=40mA
11.5
12
12.4
V
Output Current Limit
IOLMT
120
270
mA
Line Regulation
(5)
VD=15V to 30V,
Io=100μA
0.06
%
Load Regulation
(6)
VD=30V,
Io=100μA to 40mA
0.08
%
Dropout Voltage
(7)
VDROP
Io=40mA
0.75
V
Ground Pin Current
IG
Io=40mA
1.069
mA
Power-Supply Ripple Rejection
(8)
PSRR
f=10Hz to 60kHz,
VD=20V,CVD=1μF,
COUT=4.7μF
<60
dB
Over-Temperature–Protection Threshold
TOTP
160
°C
Over-Temperature–Protection Threshold
Hysteresis
THYS
20
°C
Output Voltage Feedback (Pin FB)
Reference Voltage
VREF
1.204
1.235
1.266
V
Power-Good Signal (Pin PG)
Power-Good Pull Down Current
IPG
1.77
mA
Power-Good Threshold
VTHPG
1
1.239
V
Power-Good Hysteresis
VHYSPG
65
mV
Power-Good Delay
τDELAYPG
170
235
280
μs
Notes:
5) Line Regulation =
()
(
)
()
()
IN MAX
IN MIN
OUT V
OUT V
OUT NORM
VV
100 %
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
6) Load Regulation =
()
(
)
()
()
OUT MAX
OUT MIN
OUT I
OUT I
OUT NORM
VV
100 %
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
7) The dropout voltage is defined as VIN-VOUT
8) Guarantee by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com