Electronic Components Datasheet Search
  English  ▼

X  

MP100 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP100 Datasheet HTML 1Page - Monolithic Power Systems MP100 Datasheet HTML 2Page - Monolithic Power Systems MP100 Datasheet HTML 3Page - Monolithic Power Systems MP100 Datasheet HTML 4Page - Monolithic Power Systems MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP100
Offline Inductor-less Regulator
For Low Power Applications
MP100 Rev. 1.04
www.MonolithicPower.com
1
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP100 is a compact, inductor-less, good-
efficiency, off-line regulator. It steps down the
AC line voltage to an adjustable DC output. It is
a simple solution to provide a bias voltage to
ICs in off-line applications. Its integrated smart-
control system uses AC line power only when
necessary, thus minimizing device losses to
achieve good efficiency. This device can help
system designs meet new standby power
specifications.
The MP100 provides various protections, such
as
over-current
protection,
short-circuit
protection, VD over-voltage protection, VD
under-voltage lockout, and thermal shutdown.
The MP100 is available in a SOIC8E package.
FEATURES
• Universal AC Input (85VAC-to-305VAC)
• Smart Control to Maximize Efficiency
• Adjustable Output Voltage from 1.5V to 15V
• Low Component Count and Cost
• Thermal Shutdown Protection
• Short-Circuit Protection
• Provide Power-Good Signal
• No Bulk Capacitor Required
APPLICATIONS
• Wall Switches and Dimmers
• AC/DC Power Supply for Wireless System,
like ZigBee,Z-Wave and so on
• Standby Power for General Off-Line
Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN(V)
Output Power vs. VIN
Full Bridge Rectifier
0
100
200
300
400
500
600
80 110 140 170 200 230 260 290 320
VOUT=3.3V
VOUT=5V
VOUT=12V


Similar Part No. - MP100

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP100 CTS-MP100 Datasheet
133Kb / 5P
Quartz Crystal
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1000 COMCHIP-MP1000 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
53Kb / 4P
10A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - MP100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1103 LINER-LT1103 Datasheet
452Kb / 32P
Offline Switching Regulator
logo
List of Unclassifed Man...
C2472 ETC2-C2472 Datasheet
466Kb / 18P
RDFC Controllers for Offline Applications
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
Power Inductor for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
Power Inductor for Critical Applications
ST515PMM COILCRAFT-ST515PMM Datasheet
299Kb / 3P
Power Inductor for Critical Applications
logo
Monolithic Power System...
MP100L MPS-MP100L Datasheet
744Kb / 18P
Offline Inductor-Less Regulator For Low Power Application
MP103 MPS-MP103 Datasheet
711Kb / 20P
Higher Power Offline Inductor-Less Regulator For Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com