Electronic Components Datasheet Search
  English  ▼

X  

MP100 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP100 Datasheet HTML 1Page - Monolithic Power Systems MP100 Datasheet HTML 2Page - Monolithic Power Systems MP100 Datasheet HTML 3Page - Monolithic Power Systems MP100 Datasheet HTML 4Page - Monolithic Power Systems MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
5
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN=230VAC, VOUT=12V, IOUT=10mA, CVD=220μF/35V, TA=+25°C, unless otherwise noted.
Input Power Start up
Input Power Shut down
Steady State
Over Current Protection
Entry
Over Current Protection
Recovery
Short Circuit Protection
Entry
Short Circuit Protection
Recovery
Output Voltage Ripple
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IIN
1A/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IOUT
100mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IOUT
100mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IOUT
200mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
VOUT
10mV/div.
VOUT
10mV/div.
IOUT
200mA/div.
IOUT
10mA/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IIN
1A/div.
VIN
100V/div.
VD
5V/div.
VOUT
5V/div.
IIN
1A/div.
Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com