Electronic Components Datasheet Search
  English  ▼

X  

MP100 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems MP100 Datasheet HTML 10Page - Monolithic Power Systems MP100 Datasheet HTML 11Page - Monolithic Power Systems MP100 Datasheet HTML 12Page - Monolithic Power Systems MP100 Datasheet HTML 13Page - Monolithic Power Systems MP100 Datasheet HTML 14Page - Monolithic Power Systems MP100 Datasheet HTML 15Page - Monolithic Power Systems MP100 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
12
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
GND
12V/10mA
MP100
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT 4
U1
BD1
MB6S
220 µF/35V
C1
470 pF
C2
100k
R5
90.9k
R3
10.2k
R4
4.7µF
C3
10/1W
RF1
85~305VAC
1%
1%
L
N
Vout
GND
50V
50V
470nF
CX1
305 VAC
Figure 5: Typical Application
GND
5V/40mA
BD1
MB6S
470pF
C2
100k
R5
30.9k
R3
10.2k
R4
4.7µF
C3
10/1W
RF1
85~305VAC
1%
1%
L
N
Vout
GND
50V
50V
GND
MP100
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT 4
U1
220 µF/35V
C1
MP100
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT 4
U2
1µF
CX1
305VAC
Figure 6: Paralleled Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com