Electronic Components Datasheet Search
  English  ▼

X  

MP100 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP100 Datasheet HTML 4Page - Monolithic Power Systems MP100 Datasheet HTML 5Page - Monolithic Power Systems MP100 Datasheet HTML 6Page - Monolithic Power Systems MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems MP100 Datasheet HTML 10Page - Monolithic Power Systems MP100 Datasheet HTML 11Page - Monolithic Power Systems MP100 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
8
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
MP100 employs a smart inductor-less regulator
design (patent pending) to charge the VD
capacitor (C1 in Figure 4) from the offline AC
input, and then to deliver the stored energy to the
load with a stable output voltage. When VIN is
less than its 35V threshold, VD can be charged
up by up to 1.8A input current. An internal LDO
regulates VOUT to 12V and can supply up to
10mA load when VIN is between 85VAC and
305VAC. The proprietary design allows the
universal AC input to efficiently power the IC
directly.
Startup
During the startup, the internal switch connected
between VIN and VB turns on when the input
voltage is within its charging window (typically
below 35V), thus gradually charging the VD
voltage. The LDO will not resume with a soft-
start until the VD voltage reaches 15.3V.
Active Bleeder Circuit
The input voltage may not enter its charging
window during normal operation due to parasitic
capacitance from VIN to GND. An active bleeder
circuit is enabled to pull down the VIN voltage
whenever the VD voltage falls below 14V to
guarantee that the output gets enough energy
from the input ports. In addition, when the power
supply shuts down, the active bleeder circuit
discharges the energy stored in the parasitic
capacitor to ensure that the circuit can restart
easily.
VD Over-Voltage Protection
The VD capacitor provides energy for the output
load. If the voltage of VD exceeds 30V, the
internal switch between VIN and VB turns off
immediately to prevent the VD voltage from rising
too high, which can damage the LDO stage.
Short-Circuit Protection
The output current is limited to 150mA if the
output is shorted to ground, which also
decreases the VD voltage. When VD drops
below 6.8V, LDO turns off. The input voltage then
gradually charges VD up to 15.3V to enable the
LDO. When LDO turns on, the output current
drops the VD voltage to 6.8V again. This process
will continue until the output short condition
ceases.
Over-Current Protection
The
VD
and
VOUT
voltages
will
drop
simultaneously if the output current exceeds its
normal value. When the VD voltage falls to 6.8V,
the second stage LDO shuts down immediately.
Then the input voltage charges VD to 15.3V to
enable the LDO. Due to the output current limit
circuit, the maximum current is typically limited to
150mA.
Thermal Shutdown Protection
Accurate temperature protection prevents the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
exceeds 160°C, the whole chip shuts down.
When the temperature falls below its lower
threshold of 140
°C, the chip is enabled again.
Power-Good
The MP100 integrates a power-good circuit to
signal that the output meets the controller IC’s
requirements. It is an open drain structure and
requires a pull-up resistor to VOUT. During start
up, the VOUT voltage rises smoothly. When it
reaches 80% of its normal value, the power-good
signal goes high after a 200µs delay to indicate a
normal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com