Electronic Components Datasheet Search
  English  ▼

X  

MP100 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems MP100 Datasheet HTML 10Page - Monolithic Power Systems MP100 Datasheet HTML 11Page - Monolithic Power Systems MP100 Datasheet HTML 12Page - Monolithic Power Systems MP100 Datasheet HTML 13Page - Monolithic Power Systems MP100 Datasheet HTML 14Page - Monolithic Power Systems MP100 Datasheet HTML 15Page - Monolithic Power Systems MP100 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
14
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FLOW CHART
Start
Thermal
Monitor
TSD=
Logic
High
Turn Off
Internal Switch
Turn On
Internal Switch
VIN<35V
Monitor VD
Turn On LDO
Monitor VFB
Monitor Output
Current
Turn Off LDO
VD<6.8V
VD>30V
VD>15.3V
Turn Off Active
Bleeder Circuit
PG=Logic High
VFB=1V
Iomax<=150mA
Y
N
Y
N
Y
N
N
N
Y
OCP,SCP&OTP is auto restart
Y
Y
N
VD<14V
N
Turn On Active
Bleeder Circuit
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com