Electronic Components Datasheet Search
  English  ▼

X  

M58LT128GS Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 5Page - STMicroelectronics M58LT128GS Datasheet HTML 6Page - STMicroelectronics M58LT128GS Datasheet HTML 7Page - STMicroelectronics M58LT128GS Datasheet HTML 8Page - STMicroelectronics M58LT128GS Datasheet HTML 9Page - STMicroelectronics M58LT128GS Datasheet HTML 10Page - STMicroelectronics M58LT128GS Datasheet HTML 11Page - STMicroelectronics M58LT128GS Datasheet HTML 12Page - STMicroelectronics M58LT128GS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
M58LT128GST, M58LT128GSB
1 Summary description
9/98
The device includes 17 Protection Registers and 2 Protection Register locks, one for the first
Protection Register and the other for the 16 One-Time-Programmable (OTP) Protection
Registers of 128 bits each. The first Protection Register is divided into two segments: a 64 bit
segment containing a unique device number written by ST, and a 64 bit segment One-Time-
Programmable (OTP) by the user. The user programmable segment can be permanently
protected. Figure 4 shows the Protection Register Memory Map.
The devices are offered in TBGA64 10 x 13mm, 1mm pitch.
In order to meet environmental requirements, ST offers the M58LT128GST and M58LT128GSB
in ECOPACK® package. ECOPACK package is Lead-free. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
The memories are supplied with all the bits erased (set to ’1’).
Figure 1.
Logic Diagram
AI10259b
A0-A22
W
DQ0-DQ15
VDD
M58LT128GSB
M58LT128GST
E
VSS
16
G
RP
VDDQ VPP
L
K
WAIT
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com