Electronic Components Datasheet Search
  English  ▼

X  

M58LT128GS Datasheet(PDF) 15 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 11Page - STMicroelectronics M58LT128GS Datasheet HTML 12Page - STMicroelectronics M58LT128GS Datasheet HTML 13Page - STMicroelectronics M58LT128GS Datasheet HTML 14Page - STMicroelectronics M58LT128GS Datasheet HTML 15Page - STMicroelectronics M58LT128GS Datasheet HTML 16Page - STMicroelectronics M58LT128GS Datasheet HTML 17Page - STMicroelectronics M58LT128GS Datasheet HTML 18Page - STMicroelectronics M58LT128GS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
M58LT128GST, M58LT128GSB
2 Signal descriptions
15/98
2.12
VSS Ground
VSS ground is the reference for the core supply. It must be connected to the system ground.
2.13
VSSQ Ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS
Note: Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1µF
ceramic capacitor close to the pin (high frequency, inherently low inductance capacitors should
be as close as possible to the package). See Figure 8: AC Measurement Load Circuit. The
PCB track widths should be sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com