Electronic Components Datasheet Search
  English  ▼

X  

M58LT128GS Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 1 Page - STMicroelectronics

  M58LT128GS Datasheet HTML 1Page - STMicroelectronics M58LT128GS Datasheet HTML 2Page - STMicroelectronics M58LT128GS Datasheet HTML 3Page - STMicroelectronics M58LT128GS Datasheet HTML 4Page - STMicroelectronics M58LT128GS Datasheet HTML 5Page - STMicroelectronics M58LT128GS Datasheet HTML 6Page - STMicroelectronics M58LT128GS Datasheet HTML 7Page - STMicroelectronics M58LT128GS Datasheet HTML 8Page - STMicroelectronics M58LT128GS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 1.0
September 2005
1/98
1
M58LT128GST
M58LT128GSB
128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst)
1.8V Supply Secure Flash Memories
Features Summary
■
SUPPLY VOLTAGE
–VDD = 1.7 to 2.0V for program, erase and
read
–VDDQ = 2.7 to 3.6V for I/O Buffers
–VPP = 9V for fast program
■
SYNCHRONOUS / ASYNCHRONOUS READ
– Random Access: 110ns
– Asynchronous Page Read: 25ns.
– Synchronous Burst Read: 52MHz
■
SYNCHRONOUS BURST READ SUSPEND
■
PROGRAMMING TIME
– 10µs typical Word program time using
Buffer Enhanced Factory Program
command
■
MEMORY ORGANIZATION
– Multiple Bank Memory Array:
8 Mbit Banks
– Parameter Blocks (Top or Bottom location)
■
DUAL OPERATIONS
– program/erase in one Bank while read in
others
– No delay between read and write
operations
■
HARDWARE PROTECTION
– All Blocks Write Protected when VPP≤VPPLK
■
SECURITY
– Software Security Features
– 64-bit Unique Device Identifier
– 2112 bits of User-Programmable OTP
memory
■
COMMON FLASH INTERFACE (CFI)
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code:
M58LT128GST: 88C6h
M58LT128GSB: 88C7h
■
ECOPACK® PACKAGE AVAILABLE
BGA
TBGA64 (ZA)
10 x 13mm
www.st.com


Similar Part No. - M58LT128GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LT128HSB STMICROELECTRONICS-M58LT128HSB Datasheet
816Kb / 110P
128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
02-Mar-2007
logo
Numonyx B.V
M58LT128HSB NUMONYX-M58LT128HSB Datasheet
1Mb / 110P
128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT128HSB8ZA6 NUMONYX-M58LT128HSB8ZA6 Datasheet
1Mb / 110P
128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT128HSB8ZA6E NUMONYX-M58LT128HSB8ZA6E Datasheet
1Mb / 110P
128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT128HSB8ZA6F NUMONYX-M58LT128HSB8ZA6F Datasheet
1Mb / 110P
128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
More results

Similar Description - M58LT128GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0T7050T0 STMICROELECTRONICS-M36L0T7050T0 Datasheet
361Kb / 18P
128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
10-Dec-2004
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
03-Dec-2004
M30L0R8000T0 STMICROELECTRONICS-M30L0R8000T0 Datasheet
1Mb / 83P
256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
18-May-2005
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
24-Sep-2004
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com