Electronic Components Datasheet Search
  English  ▼

X  

M61508FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M61508FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
PIN DESCRIPTION
Pin No.
Symbol
REF
DEFN IN1
INA1
Function
1
2
3
4
VOL IN1
5
6
7
8
TONE OUT1
FADER IN1
9
10
11
12
13
14
15
16
Output pin of Tone
Negative Input pin of Differential Amp.
DEFP IN1
Positive Input pin of Differential Amp.
Input pin of Channel 1 for Input Selector SW
Input pin of Volume2
REAR OUT1
Output pin of Fader Volume (rear)
FRONT OUT1 Output pin of Fader Volume (front)
DATA
Input pin of Control Data.
It synchronized at CLOCK and inputted Data
SEL OUT1
Output pin of Input Selector
Input pin of Volume1
INB1
INC1
IND1
Non Fader OUT1 Output pin of Non Fader Volume
GND
Ground Pin
17
18
DEFN OUT1
Output pin (-) of Differential Amp.
N.C.
N.C. Pin
3
Signal Ground of IC. Grounding about 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com