Electronic Components Datasheet Search
  English  ▼

X  

M61508FP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
D4
D5
0dB
-2dB
-4dB
1
1
0
0
1
1
CH1
CH2
D10
D11
ATTVB2
ATTVA2 fixed to 0dB when
0dB
-12dB setting.
D5
D6
0dB
-1dB
-2dB
-3dB
1
0
0
1
0
0
1
1
CH1
CH2
D12
D13
ATTVA2
VOLUME 1 CODE
-6dB
0
0
ATT
VB1
D7
D8
0dB
-8dB
-16dB
-24dB
-32dB
-48dB
-56dB
D6
0
0
0
1
0
0
0
0
0
1
0
1
0
0
1
1
0
0
1
1
0
0
1
1
1
0
0
0
0
0
0
1
0
1
1
1
D9
-
dB
-40dB
-2dB
-4dB
-6dB
-10dB
-12dB
-14dB
1
0
1
1
0
0
1
1
1
1
0
1
1
0
0
1
0
0
0
1
1
1
1
0
CH1
CH2
D1
D2
D0
D3
VOLUME 2 CODE
ATTVA1
D8
D9
0dB
-4dB
-8dB
-9dB
-10dB
-12dB
-16dB
D7
0
0
0
1
0
0
0
0
0
1
0
1
0
0
1
1
0
0
1
1
0
0
1
1
1
0
0
0
0
0
0
1
0
1
1
1
D10
-20dB
-11dB
-1dB
-2dB
-3dB
-5dB
-6dB
-7dB
1
0
1
1
0
0
1
1
1
1
0
1
1
0
0
1
0
0
0
1
1
1
1
0
CH1
CH2
D1
D2
D0
D3
-24dB
-28dB
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
D11
D4
TIMER SETTING CODE
D25
D26
5mS
10mS
15mS
20mS
1
0
0
1
0
0
1
1
TIMER
10
ATTVB2 fixed to 0dB when
0dB
-16dB setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com