Electronic Components Datasheet Search
  English  ▼

X  

M61508FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
ELECTRICAL CHARACTERISTICS
(Ta=25 C,VCC=8V,VDD=5V,Input Gain/Volume/Tone/fader=0dB,Loudness=OFF,unless otherwise noted.)
6
Unit
Symbol
Parameter
Test conditions
Limits
Min
typ
Max
mA
Circuit Current
Icc
G(Bass)B
G(Bass)C
G(Tre)B
G(Tre)C
ATT (FED)
THD
CS
Volume Maximum
Attenuation Quantity
Maximum Input Voltage
Boost Quantity (Bass)
Channel Separation
Total harmonic distortion
Maximum input voltage
Fader Maximum
Attenuation Quantity
Crosstalk between
Channels
Boost Quantity (Treble)
Cut Quantity (Bass)
Cut Quantity (Treble)
THD=1%
f=100Hz
f=10KHz
f=100Hz
f=10KHz
THD=1%
f=1KHz,Vo=0.5Vrms
f=1KHz,DIN-AUDIO
-90
0
1.8
16
-12
12
-12
-90
-90
dB
Vrms
%
dB
dB
dB
dB
dB
dB
Vrms
dB
output noise voltage
uVrms
Rg=0,DIN-AUDIO
3.5
12
ATT(VOL)= -
dB
Rg=0,DIN-AUDIO
ATT(VOL)= -
dB
BW:400Hz to 30KHz
G(MID)B
G(MID)C
Boost Quantity (Mid)
Cut Quantity (Mid)
f=1KHz
f=1KHz
-12
dB
dB
12
Pass Gain
GV
dB
0
Vi=1Vrms , f=1KHz,DIN-AUDIO
f=1KHz , DIN-AUDIO
Vi=1Vrms , f=1KHz
Gv(LOUD) Loudness voltage gain
VOL1= -30dB , VOL2=0dB
dB
Vno 2
Vno 1
VOM
VIM
ATT(VOL)
f=1KHz , DIN-AUDIO
No signal setting
ATT(FED)= -
dB
CT
Input Selector Crosstalk
dB
Loudness ON , f=100Hz
ATT(VOL)= 0dB
Input gain control
Gv(GAIN)= +18.75dB
18.75
dB
Gv(GAIN)
-75
0.01
13
+2
-2
-80
+2
-2
19
13
-9
-15
-9
-15
-9
-15
15
9
15
9
-80
1.8
0.05
-75
-60
16
10
21.75
15.75
f=1KHz,DIN-AUDIO
Vno 3
Bypass setting
Rg=0,DIN-AUDIO
40
5
Common Mode
Rejection Ratio
CMRR
50
dB
2,3pin/34,35pin
Common mode signal input setting
LOUD_VOL= -20dB
ATT(VOL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com