Electronic Components Datasheet Search
  English  ▼

X  

M61508FP Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
Pattern 1
CLK
DATA
Audio Signal
3. Timer Setting System
Latch
Conditions
D34
T=10 msec
f=
2
T
1
=
2 10msec
1
=50Hz
In case of Timer Setting Time/T =10 msec setting
CLK
DATA
Audio Signal
Latch
Conditions
D34
T=10 msec
f=30Hz
Pattern 2
Audio Signal
f=30Hz
The Timer Setting Time T makes T=20msec (Zero-cross detect of 25Hz is 100%)
maximum and it is setting by it.
18
Audio Signal
50Hz <
50Hz >
Zero-cross Detector
100%
100%
0%
Upper fig.
Pattern 1
Pattern 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com