Electronic Components Datasheet Search
  English  ▼

X  

M61508FP Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
D23
D24
-2dB
-3dB
-6dB
-8dB
-10dB
-12dB
-14dB
-16dB
-20dB
-30dB
-45dB
-60dB
-4dB
1
1
1
0
0
0
0
1
D22
FADER
D21
-1dB
0dB
1
0
1
0
1
0
1
0
1
1
0
0
1
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
0
1
1
0
0
1
1
0
1
1
0
0
0
0
0
0
0
0
-
dB
0
0
0
0
0
0
FADER CODE
SELECTOR CODE
D14
D15
INA
INB
INC
IND
1
0
0
1
0
0
1
1
0
0
D16
0
0
0
0
1
Differential Input
SELECTOR
INPUT GAIN CONTROL CODE
D19
D20
2.50dB
3.75dB
6.25dB
7.50dB
8.75dB
10.00dB
11.25dB
12.50dB
13.75dB
15.00dB
16.25dB
17.50dB
5.00dB
1
1
1
0
0
0
0
1
D18
D17
1.25dB
0dB
1
0
1
0
1
0
1
0
1
1
0
0
1
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
0
1
1
0
0
1
1
0
1
1
0
0
0
0
0
0
0
0
18.75dB
0
0
0
0
0
0
INPUT GAIN
CONTROL
NON FADER CODE
D28
D29
+8dB
+6dB
+2dB
0dB
-2dB
-4dB
-6dB
-8dB
-10dB
-12dB
+4dB
0
0
1
1
0
1
0
0
D27
ATT
D26
+10dB
+12dB
0
1
0
1
0
1
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
1
1
1
1
1
0
1
1
1
0
0
1
0
1
0
0
0
0
0
0
0
0
0
1
1
0
1
-
dB
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com