Electronic Components Datasheet Search
  English  ▼

X  

M61508FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
TONE CODE
12dB
10dB
6dB
4dB
2dB
0dB
-2dB
-4dB
-6dB
-8dB
-10dB
-12dB
8dB
D17
D18
D16
TREBLE
D15
0
0
0
1
0
0
0/1
0
0
1
0
1
0
1
1
0
0
1
0
0
1
1
1
0
0
0
0
0
1
0
0
0
1
0
1
0
1
1
0
0
1
0
0
1
1
1
1
1
1
1
1
1
D10
D11
D9
MID
D8
BASS
D2
D3
D1
D0
12dB
10dB
6dB
4dB
2dB
0dB
-2dB
-4dB
-6dB
-8dB
-10dB
-12dB
8dB
0
0
0
1
0
0
0
0
0
1
0
1
0
1
1
0
0
1
0
0
1
1
1
0
0
0
0
0
1
0
0
0
1
0
1
0
1
1
0
0
1
0
0
1
1
1
1
1
1
1
1
1
14dB
1
1
1
0
16dB
0
0
0
1
TONE f0,Q CONTROL CODE
BASS f0 CONTROL
D4
D5
f0=50Hz
f0=80Hz
f0=120Hz
1
1
0
1
1
0
TREBLE f0 CONTROL
D19
f0=8KHz
f0=12KHz
1
0
BASS Q CONTROL
D6
D7
Q=2
Q=1.5
Q=1.25
Q=1
1
1
0
1
1
0
0
0
MID Q CONTROL
D14
Q=1.5
Q=2
1
0
MID f0 CONTROL
D12
f0=700Hz
f0=1KHz
1
0
f0=2KHz
1
D13
1
1
0
f0=10KHz
0
0
11
LOUDNESS fO CONTROL
D30
D31
f0=60Hz
f0=80Hz
f0=100Hz
1
1
0
1
1
0
LOUDNESS fO CONTROL
LOUDNESS VOLUME CODE
D23
D24
-6dB
-8dB
-12dB
-14dB
-16dB
-18dB
-20dB
-22dB
-24dB
-26dB
-28dB
-30dB
-10dB
1
1
1
0
0
0
0
1
D22
LOUDNESS
D21
-4dB
-2dB
1
0
1
0
1
0
1
0
1
1
0
0
1
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
0
1
1
0
0
1
1
0
1
1
0
0
0
0
0
0
0
0
-
dB
0
0
0
0
0
0
Please refer to 21,22 page for Loudness gain
setting.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com