Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 46 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 46 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 42Page - Nuvoton Technology Corporation M261 Datasheet HTML 43Page - Nuvoton Technology Corporation M261 Datasheet HTML 44Page - Nuvoton Technology Corporation M261 Datasheet HTML 45Page - Nuvoton Technology Corporation M261 Datasheet HTML 46Page - Nuvoton Technology Corporation M261 Datasheet HTML 47Page - Nuvoton Technology Corporation M261 Datasheet HTML 48Page - Nuvoton Technology Corporation M261 Datasheet HTML 49Page - Nuvoton Technology Corporation M261 Datasheet HTML 50Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 46 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
USCI1_DAT0
I/O
MFP6
USCI1 data 0 pin.
UART3_TXD
O
MFP7
UART3 data transmitter output pin.
EPWM0_CH2
I/O
MFP10
EPWM0 channel 2 output/capture input.
EPWM1_BRAKE0
I
MFP11
EPWM1 Brake 0 input pin.
ECAP0_IC2
I
MFP12
Enhanced capture unit 0 input 2 pin.
TRACE_DATA1
O
MFP14
ETM Trace Data 1 output pin
44 PE.11
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR13
O
MFP2
EBI address bus bit 13.
I2S0_DO
O
MFP4
I
2S0 data output pin.
SPI2_SS
I/O
MFP5
SPI2 slave select pin.
USCI1_DAT1
I/O
MFP6
USCI1 data 1 pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
UART1_nCTS
I
MFP8
UART1 clear to Send input pin.
EPWM0_CH3
I/O
MFP10
EPWM0 channel 3 output/capture input.
EPWM1_BRAKE1
I
MFP11
EPWM1 Brake 1 input pin.
ECAP1_IC2
I
MFP13
Enhanced capture unit 1 input 2 pin.
TRACE_DATA0
O
MFP14
ETM Trace Data 0 output pin
45 PE.12
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR14
O
MFP2
EBI address bus bit 14.
I2S0_LRCK
O
MFP4
I
2S0 left right channel clock output pin.
SPI2_I2SMCLK
I/O
MFP5
SPI2 I
2S master clock output pin
USCI1_CLK
I/O
MFP6
USCI1 clock pin.
UART1_nRTS
O
MFP8
UART1 request to Send output pin.
EPWM0_CH4
I/O
MFP10
EPWM0 channel 4 output/capture input.
ECAP1_IC1
I
MFP13
Enhanced capture unit 1 input 1 pin.
TRACE_CLK
O
MFP14
ETM Trace Clock output pin
46 PE.13
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR15
O
MFP2
EBI address bus bit 15.
I2C0_SCL
I/O
MFP4
I
2C0 clock pin.
UART4_nRTS
O
MFP5
UART4 request to Send output pin.
UART1_TXD
O
MFP8
UART1 data transmitter output pin.
EPWM0_CH5
I/O
MFP10
EPWM0 channel 5 output/capture input.
EPWM1_CH0
I/O
MFP11
EPWM1 channel 0 output/capture input.
BPWM1_CH5
I/O
MFP12
BPWM1 channel 5 output/capture input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com