Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 17 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 17 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 13Page - Nuvoton Technology Corporation M261 Datasheet HTML 14Page - Nuvoton Technology Corporation M261 Datasheet HTML 15Page - Nuvoton Technology Corporation M261 Datasheet HTML 16Page - Nuvoton Technology Corporation M261 Datasheet HTML 17Page - Nuvoton Technology Corporation M261 Datasheet HTML 18Page - Nuvoton Technology Corporation M261 Datasheet HTML 19Page - Nuvoton Technology Corporation M261 Datasheet HTML 20Page - Nuvoton Technology Corporation M261 Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 17 of 398
Rev 1.02
 Configurable EADC sampling time.
 Up to 19 sample modules.
 Double data buffers for sample module 0~3.
 PDMA operation.
Digital-to-Analog Converter (DAC)
 Two 12-bit, 1 MSPS voltage type DAC with 8-
bit mode and 8μs rail-
to-rail settle time
 Maximum output voltage AV
DD -0.2V at buffer mode.
 Digital-to-Analog conversion triggered by Timer0~3, EPWM0,
EPWM1, external trigger pin to start DAC conversion or software.
 Supports group mode for synchronized data update of two DACs.
 PDMA operation.
Analog Comparator (ACMP)
 Two rail-to-rail Analog Comparators.
 Supports four multiplexed I/O pins at positive input.
 Supports I/O pins, band-gap, DAC output, and 16-level Voltage
divider from AVDD or VREF at negative input.
 Supports four programmable propagation speeds for power saving.
 Supports wake up from Power-down by interrput.
 Supports triggers for brake events and cycle-by-cycle control for
PWM.
 Supports window compare mode and window latch mode.
 Supports programmable hysteresis window: 0mV, 10mV, 20mV and
30mV.
Communication Interfaces
Low-power UART
 Six sets of UARTs with up to 10.66 MHz baud rate
 Auto-Baud Rate measurement and baud rate compensation
function
 Supports low power UART (LPUART): baud rate clock from
LXT(32.768 KHz) with 9600bps in Power-down mode even system
clock is stopped
 16-byte FIFOs with programmable level trigger
 Auto flow control ( nCTS and nRTS)
 Supports IrDA (SIR) function
 Supports LIN function on UART0 and UART1
 Supports RS-485 9-bit mode and direction control
 Supports nCTS, incoming data, Received Data FIFO reached
threshold and RS-485 Address Match (AAD mode) wake-up
function in idle mode
 Supports hardware or software enables to program nRTS pin to
control RS-485 transmission direction
 Supports wake-up function
 8-bit receiver FIFO time-out detection function
 Supports break error, frame error, parity error and receive/transmit
FIFO overflow detection function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com