Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 19 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 19 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 15Page - Nuvoton Technology Corporation M261 Datasheet HTML 16Page - Nuvoton Technology Corporation M261 Datasheet HTML 17Page - Nuvoton Technology Corporation M261 Datasheet HTML 18Page - Nuvoton Technology Corporation M261 Datasheet HTML 19Page - Nuvoton Technology Corporation M261 Datasheet HTML 20Page - Nuvoton Technology Corporation M261 Datasheet HTML 21Page - Nuvoton Technology Corporation M261 Datasheet HTML 22Page - Nuvoton Technology Corporation M261 Datasheet HTML 23Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 19 of 398
Rev 1.02
QSPI
 One set of SPI Quad controller with Master/Slave mode
 SPI can communicate at up to 64 Mbit/s
 2-bit Transfer mode
 Dual and Quad I/O Transfer mode
 QSPI provides separate 8-level of 32-bit transmit and receive FIFO
buffers
 Configurable bit length of a transfer word from 8 to 32-bit
 MSB first or LSB first transfer sequence
 Byte reorder function
 Supports Byte or Word Suspend mode
 3-wired, no slave select signal, bi-direction interface
 Supports one data channel half-duplex transfer
 Supports receive-only mode
 PDMA operation
I
2S
 One set of I
2S interface with Master/Slave mode
 I
2S audio sampling frequencies up to 192 kHz are supported
 Supports mono and stereo audio data with 8-, 16-, 24- and 32-bit
word sizes
 Two 16-level FIFO data buffers, one for transmitting and the other
for receiving
 Supports I
2S protocols: Philips standard, MSB-justified, and LSB-
justified data format
 Supports PCM protocols: PCM standard, MSB-justified, and LSB-
justified data format
 PCM protocol supports TDM multi-channel transmission in one
audio sample; the number of data channel can be set as 2, 4, 6 or 8
 PDMA operation
Universal Serial Control Interface
(USCI)
 Two sets of USCI,configured as UART, SPI or I
2C function
 Supports single byte TX and RX buffer mode
UART
 Supports one transmit buffer and two receive buffers for data
payload
 Supports hardware auto flow control function and programmable
flow control trigger level
 9-bit Data Transfer
 Baud rate detection by built-in capture event of baud rate generator
 Supports wake-up function
 PDMA operation
SPI
 Supports Master or Slave mode operation
 Supports one transmit buffer and two receive buffer for data payload
 Configurable bit length of a transfer word from 4 to 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com