Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 86 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 86 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 82Page - Nuvoton Technology Corporation M261 Datasheet HTML 83Page - Nuvoton Technology Corporation M261 Datasheet HTML 84Page - Nuvoton Technology Corporation M261 Datasheet HTML 85Page - Nuvoton Technology Corporation M261 Datasheet HTML 86Page - Nuvoton Technology Corporation M261 Datasheet HTML 87Page - Nuvoton Technology Corporation M261 Datasheet HTML 88Page - Nuvoton Technology Corporation M261 Datasheet HTML 89Page - Nuvoton Technology Corporation M261 Datasheet HTML 90Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 86 of 398
Rev 1.02
Group
Pin Name
GPIO
MFP
Type
Description
PB.3
MFP8
I/O
PE.11
MFP6
I/O
PD.6
MFP6
I/O
X32
X32_IN
PF.5
MFP10
I
External 32.768 kHz crystal input pin.
X32_OUT
PF.4
MFP10
O
External 32.768 kHz crystal output pin.
XT1
XT1_IN
PF.3
MFP10
I
External 4~24 MHz (high speed) crystal input
pin.
XT1_OUT
PF.2
MFP10
O
External 4~24 MHz (high speed) crystal output
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com