Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 72 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 72 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 68Page - Nuvoton Technology Corporation M261 Datasheet HTML 69Page - Nuvoton Technology Corporation M261 Datasheet HTML 70Page - Nuvoton Technology Corporation M261 Datasheet HTML 71Page - Nuvoton Technology Corporation M261 Datasheet HTML 72Page - Nuvoton Technology Corporation M261 Datasheet HTML 73Page - Nuvoton Technology Corporation M261 Datasheet HTML 74Page - Nuvoton Technology Corporation M261 Datasheet HTML 75Page - Nuvoton Technology Corporation M261 Datasheet HTML 76Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 72 of 398
Rev 1.02
Group
Pin Name
GPIO
MFP
Type
Description
PA.15
MFP2
O
PH.9
MFP5
O
I2S0_LRCK
PB.1
MFP10
O
I2S0 left right channel clock output pin.
PF.6
MFP4
O
PE.12
MFP4
O
PC.0
MFP6
O
PH.10
MFP5
O
I2S0_MCLK
PB.4
MFP10
O
I2S0 master clock output pin.
PF.9
MFP4
O
PE.9
MFP4
O
PC.3
MFP6
O
PA.13
MFP2
O
PE.0
MFP5
O
ICE
ICE_CLK
PF.1
MFP14
I
Serial wired debugger clock pin.
Note: It is recommended to use 100 k
Ω pull-up
resistor on ICE_CLK pin
ICE_DAT
PF.0
MFP14
O
Serial wired debugger data pin.
Note: It is recommended to use 100 k
Ω pull-up
resistor on ICE_DAT pin
nRESET
-
MFP0
I
External reset input: active LOW, with an
internal pull-up. Set this pin low reset to initial
state.
Note:
It is recommended to use 10 kΩ pull-up
resistor and 10 uF capacitor on nRESET pin.
INT0
INT0
PB.5
MFP15
I
External interrupt 0 input pin.
PA.6
MFP15
I
INT1
INT1
PB.4
MFP15
I
External interrupt 1 input pin.
PA.7
MFP15
I
INT2
INT2
PB.3
MFP15
I
External interrupt 2 input pin.
PC.6
MFP15
I
INT3
INT3
PB.2
MFP15
I
External interrupt 3 input pin.
PC.7
MFP15
I
INT4
INT4
PB.6
MFP13
I
External interrupt 4 input pin.
PA.8
MFP15
I
INT5
INT5
PD.12
MFP15
I
External interrupt 5 input pin.
PB.7
MFP13
I
INT6
INT6
PD.11
MFP15
I
External interrupt 6 input pin.
PB.8
MFP13
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com