Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 6 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 6 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 2Page - Nuvoton Technology Corporation M261 Datasheet HTML 3Page - Nuvoton Technology Corporation M261 Datasheet HTML 4Page - Nuvoton Technology Corporation M261 Datasheet HTML 5Page - Nuvoton Technology Corporation M261 Datasheet HTML 6Page - Nuvoton Technology Corporation M261 Datasheet HTML 7Page - Nuvoton Technology Corporation M261 Datasheet HTML 8Page - Nuvoton Technology Corporation M261 Datasheet HTML 9Page - Nuvoton Technology Corporation M261 Datasheet HTML 10Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 6 of 398
Rev 1.02
7.2 Power Supply Scheme with Internal VREF.............................................................. 340
7.3 Peripheral Application Scheme ............................................................................... 341
8 ELECTRICAL CHARACTERISTICS............................................................ 342
8.1 Absolute Maximum Ratings ..................................................................................... 342
8.1.1 Voltage Characteristics................................................................................................342
8.1.2 Current Characteristics................................................................................................342
8.1.3 Thermal Characteristics...............................................................................................343
8.1.4 EMC Characteristics.....................................................................................................343
8.2 General Operating Conditions................................................................................. 345
8.3 DC Electrical Characteristics ................................................................................... 346
8.3.1 Typical Current Consumption .....................................................................................346
8.3.2 On-chip Peripheral Current Consumption.................................................................357
8.3.3 Wakeup Time ................................................................................................................360
8.3.4 I/O DC Characteristics .................................................................................................361
8.4 AC Electrical Characteristics ................................................................................... 363
8.4.1 External 4~24 MHz High Speed Crystal (HXT) Characteristics ............................363
8.4.2 External 4~24 MHz High Speed Crystal (OSC) Input Clock ..................................364
8.4.3 External 32.768 kHz Low Speed Crystal (LXT) Characteristics ............................366
8.4.4 External 32.768 kHz Low Speed Crystal (OSC) Input Clock .................................366
8.4.5 12 MHz Internal High Speed RC Oscillator (HIRC).................................................367
8.4.6 48 MHz Internal High Speed RC Oscillator (HIRC48) ............................................367
8.4.7 10 kHz Internal Low Speed RC Oscillator (LIRC) ...................................................368
8.4.8 PLL Characteristics ......................................................................................................368
8.4.9 I/O AC Characteristics .................................................................................................369
8.5 Analog Electrical Characteristics ............................................................................ 371
8.5.1 LDO ................................................................................................................................371
8.5.2 DC-DC............................................................................................................................371
8.5.3 Low-Voltage Reset .......................................................................................................372
8.5.4 Internal Voltage Reference .........................................................................................374
8.5.5 12-bit ADC .....................................................................................................................375
8.5.6 Temperature Sensor ....................................................................................................378
8.5.7 Digital to Analog Converter (DAC) .............................................................................378
8.5.8 Analog Comparator Controller (ACMP).....................................................................380
8.6 Flash DC Electrical Characteristics ........................................................................ 381
8.7 I2C Dynamic Characteristics .................................................................................... 382
8.8 SPI Dynamic Characteristics ................................................................................... 383
8.9 I2S Dynamic Characteristics .................................................................................... 385
8.10
USCI - I2C Dynamic Characteristics ................................................................. 387
8.11
USCI - SPI Dynamic Characteristics ................................................................ 387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com