Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 101 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 101 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 97Page - Nuvoton Technology Corporation M261 Datasheet HTML 98Page - Nuvoton Technology Corporation M261 Datasheet HTML 99Page - Nuvoton Technology Corporation M261 Datasheet HTML 100Page - Nuvoton Technology Corporation M261 Datasheet HTML 101Page - Nuvoton Technology Corporation M261 Datasheet HTML 102Page - Nuvoton Technology Corporation M261 Datasheet HTML 103Page - Nuvoton Technology Corporation M261 Datasheet HTML 104Page - Nuvoton Technology Corporation M261 Datasheet HTML 105Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 101 of 398
Rev 1.02
Pin Name
Type
MFP
Description
UART3_RXD
I
MFP5
UART3 data receiver input pin.
I2C2_SDA
I/O
MFP6
I
2C2 data input/output pin.
SC2_CLK
O
MFP7
Smart Card 2 clock pin.
TM2
I/O
MFP14
Timer2 event counter input/toggle output pin.
PD.1
PD.1
I/O
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
USCI0_DAT0
I/O
MFP3
USCI0 data 0 pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
UART3_TXD
O
MFP5
UART3 data transmitter output pin.
I2C2_SCL
I/O
MFP6
I
2C2 clock pin.
SC2_DAT
I/O
MFP7
Smart Card 2 data pin.
PD.2
PD.2
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
USCI0_DAT1
I/O
MFP3
USCI0 data 1 pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
UART3_nCTS
I
MFP5
UART3 clear to Send input pin.
SC2_RST
O
MFP7
Smart Card 2 reset pin.
UART0_RXD
I
MFP9
UART0 data receiver input pin.
PD.3
PD.3
I/O
MFP0
General purpose digital I/O pin.
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
USCI0_CTL1
I/O
MFP3
USCI0 control 1 pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
UART3_nRTS
O
MFP5
UART3 request to Send output pin.
USCI1_CTL0
I/O
MFP6
USCI1 control 0 pin.
SC2_PWR
O
MFP7
Smart Card 2 power pin.
SC1_nCD
I
MFP8
Smart Card 1 card detect pin.
UART0_TXD
O
MFP9
UART0 data transmitter output pin.
PD.4
PD.4
I/O
MFP0
General purpose digital I/O pin.
USCI0_CTL0
I/O
MFP3
USCI0 control 0 pin.
I2C1_SDA
I/O
MFP4
I
2C1 data input/output pin.
SPI1_SS
I/O
MFP5
SPI1 slave select pin.
USCI1_CTL1
I/O
MFP6
USCI1 control 1 pin.
SC1_CLK
O
MFP8
Smart Card 1 clock pin.
PD.5
PD.5
I/O
MFP0
General purpose digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com