Electronic Components Datasheet Search
  English  ▼

X  

PD024OX4 Datasheet(PDF) 18 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 18 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 14Page - AZ Displays PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays PD024OX4 Datasheet HTML 17Page - AZ Displays PD024OX4 Datasheet HTML 18Page - AZ Displays PD024OX4 Datasheet HTML 19Page - AZ Displays PD024OX4 Datasheet HTML 20Page - AZ Displays PD024OX4 Datasheet HTML 21Page - AZ Displays PD024OX4 Datasheet HTML 22Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
>
>
" &6! 9 " !
+ E
! 9
&6
"E 6 " '1
/
&6 1/
$
3
3 / ! ' 0
' 3
3
7E 6 " 3
3 / 9
&
6$
/ 3
3 !
!
'
3 )
66 1! 9
' 76
"$ /"''
'
!76$
/
!
/ 7"3@6!9/
! 1!66 ! 3 "
3"
" '"
&6 1!66 / "
3E
6" !C 1/!3/!
"&
" !"6 " &
3 ' !76
6"1
7 /" &6 &
3"
66$
&E
3 !2 !6 D " ! "
E ! "''6! &
"3
'
3 ! "9"!
3 " 3/
" &&!
!
3
& &
' 6
/ 6" ! "
7
" & "@! 9 3"
" !3 6 3 !3! $
+ E
3" !
!
! 9
"E .!'
1"
& '
! 9 9 " !
&!" 6$
9 3
"3 1! /1"
"$
3"
&! 3 6 " !
'
7E
+
&6
96" 1/!3/7 "@
3 "3@ " !6$ ! & '' &
7
' &
/" &
"3
6 " /" &6 1! /3"
3E ! 3
!
&! /
&6
"@ 3"
" !3 6 3 !3! $ " &
" / $
6 1/
/" &6! 9
+(E
/
"E
<'
/
&6
&! 3
6!9/
!
!2
6 "2! 6
"$
" $
/
7E
/
&6 " "
' "
'6"3
3E / 26 "9
7 9! ! 9 6 3 !3 &! 3/" 9
"$ 2
/
"6 2 6 "9 7 3"
6 "@"9 3
"'' "3/ 3 &3
7$
& "1 6
' "&6 "& 6!
"
&
&E
'" 6 7 "@ )! ! '
!76$ /" / 6!B!&3 $ "6 3"'
/ '" 6
2!&' ! 9 ! !
$
/ ./
6!B!&3 $ "6 !3@
/" & )36 /
." /!
!
&!" 6$ 1! /
"'
E 7
2 "66 / ' 3" ! " $ B!
! /" &6! 9 9
"6 6 3
!3 3
'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com