Electronic Components Datasheet Search
  English  ▼

X  

PD024OX4 Datasheet(PDF) 19 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 19 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays PD024OX4 Datasheet HTML 17Page - AZ Displays PD024OX4 Datasheet HTML 18Page - AZ Displays PD024OX4 Datasheet HTML 19Page - AZ Displays PD024OX4 Datasheet HTML 20Page - AZ Displays PD024OX4 Datasheet HTML 21Page - AZ Displays PD024OX4 Datasheet HTML 22Page - AZ Displays PD024OX4 Datasheet HTML 23Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
?
?
* 6!"7!6! $
&! !
!9/
' "
"9
" G I=
)/
1
' "
"9
" G +
)/
(
1
' "
' " !
" G
)/
!9/
' "
P !9/
!&! $
' " !
" G I;
)? N* )
/
5
/
"6 $36! 9
D
+ ' " ! 9E
+
I=
)
$36
(
!
(
!
;
%!7 " !
D
+ ' " ! 9E
B
3$
J 55 L
'6! &
1 ' !
!
! & ; $36
"3/&! 3 !
) H) L
=
/3@
D
+ ' " ! 9E
: );
! 3 !
) H ) L
$36
( !
>
6 3
" !3 ! 3/" 9
D
+ ' " ! 9E
' )
%
!
0 "3/
! "6
" " 7!
' "
/ '
3 !2 !6
7
2 &7
' "
Q ! !"R
, &
/ &! '6"$ B"6! $
3 &! !
1! /
"6 ' " !
" ) /
/ 6& 7
3/" 9 1/!3/ "$ "
3
' "3 !3"6 &! '6"$
3 !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com