Electronic Components Datasheet Search
  English  ▼

X  

PD024OX4 Datasheet(PDF) 11 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 11 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays PD024OX4 Datasheet HTML 10Page - AZ Displays PD024OX4 Datasheet HTML 11Page - AZ Displays PD024OX4 Datasheet HTML 12Page - AZ Displays PD024OX4 Datasheet HTML 13Page - AZ Displays PD024OX4 Datasheet HTML 14Page - AZ Displays PD024OX4 Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
=+( ! ! 9 3/" "3
!"6 !
"3
" " 6 "& & " ! 9
/ "66! 9 &9
! ' )
& " / ! ! 9 &9
" " !
" ;7! 7" !
"
;7!
!
! '
& & ! 9 /
K 1 ' ! &A) "
! & &" " 7 3
! 2"6!&)" / &" " !
6 "& &! !&
/
9!
! 9 2"6
"
/ &" " "
! !
! "2"!6"76 ! /
<
"
D"
% H
! ' E
>
7 6
"<!
*" ! 9
/
66 1! 9 "
"<!
2"6
)1/!3/! <3 & &) "$ 3"
" 6 $ ' " !
&" "9
/
!
:
G:
G % ) " G 5
% - &
.
"
/
%33
+ (
%
1
''6$ % 6 "9
%
+ (
;
%
'
!9 "6 % 6 "9
%3
+ 5
5
%
!9! "6 ' % 6 "9
%
+ (
%33I (
%
"9
' "
+
=
' " !
' "
;
"<!
36 3@
B
3$
"<
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com