Electronic Components Datasheet Search
  English  ▼

X  

PD024OX4 Datasheet(PDF) 23 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 23 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays PD024OX4 Datasheet HTML 17Page - AZ Displays PD024OX4 Datasheet HTML 18Page - AZ Displays PD024OX4 Datasheet HTML 19Page - AZ Displays PD024OX4 Datasheet HTML 20Page - AZ Displays PD024OX4 Datasheet HTML 21Page - AZ Displays PD024OX4 Datasheet HTML 22Page - AZ Displays PD024OX4 Datasheet HTML 23Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
(
(
* 2! !
!
$
3
4 2
3
2
4"
()5
6! ! " $
"$ 5)5
&! $
"9
* 5/ D%#
! !< &
/!9/E
"9
( % H 3/" 9
$' ;
C)" & /
6" !2 '" "
(
4
5)5
&! $
"9
( . !9/
6 " 3 3/" 9
5
59
"9
; %"6
0 )
0 ) ( 0
"9
&&
#0 ' 1 3
' !
"9
5
/" 9
$'
;
S
$'
5
"9
&&'"3@! 9 & "1! 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com