Electronic Components Datasheet Search
  English  ▼

X  

PD024OX4 Datasheet(PDF) 15 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 15 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 11Page - AZ Displays PD024OX4 Datasheet HTML 12Page - AZ Displays PD024OX4 Datasheet HTML 13Page - AZ Displays PD024OX4 Datasheet HTML 14Page - AZ Displays PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays PD024OX4 Datasheet HTML 17Page - AZ Displays PD024OX4 Datasheet HTML 18Page - AZ Displays PD024OX4 Datasheet HTML 19Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
5
5
' !3"6 /" "3 ! !3
+
' 3! !3" !
" G 5
% - &
2
1
. "
/
!C
"6
)
5
5
+++
& 9
(
(5
+++
& 9
%! 1! 9
96
% !3"6
*
5
+++
& 9
+
" *" !
*
' ! !C &
%! 1! 9 " 96
+++
+
*!
+++
;
* '
!
"66
G
+++
5
(
+(
, !
! $
,
=
=5
N
+
# !9/
5
3&0
+5
G
(
./!
/
" !3! $
$
G
((
+5
!
!
/
+;
+
/ & ! ! !
2! 1! 9 " 96
! " 3 1/
! 9'! ! ./!
+
*
! " 3 1/
! 9'! ! #6"3@
"
" ! !
"
&!
' !
3
6 3 & 26 "9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com