Electronic Components Datasheet Search
  English  ▼

X  

PD024OX4 Datasheet(PDF) 12 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 12 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays PD024OX4 Datasheet HTML 10Page - AZ Displays PD024OX4 Datasheet HTML 11Page - AZ Displays PD024OX4 Datasheet HTML 12Page - AZ Displays PD024OX4 Datasheet HTML 13Page - AZ Displays PD024OX4 Datasheet HTML 14Page - AZ Displays PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
?
6 3 !3"6 /" "3 ! !3
?+
' " !
3 &! !
*( 5*( 5
"
5 6
% - &
%
0
"
/
''6$ % 6 "9
3
!2
%33
(
((
(;
%
(
((
(;
%
6 2 6
%:
5
;5
= 5
%
?+
''6$ % 6 "9
:"
!2
6 2 6
%:
+
+
+?
%
?+
6 2 6
%
= %
+
%
%
!9! "6 ! ' 26 "9
6 2 6
%
+
( %
%
6 2 6
%
= %
+
%
%
!9! "6
' 26 "9
6 2 6
%
+
( %
%
%
+
I5
+
% +
'
%
%
%
+
+
%
?+
?+ %: " & %:
''6! &7$ !
"6
'+ '3! 3 !
?+
%
96$
99
/" / %
6 2 6 /"66 7 "&8
"76 ) " & / "&8
"76 6 2 6
" 9 !
% % ) 2 $
&6
%
6 2 6 /"66 7 3"
66$ "&8
&
/1 " 7
! "9 '
" 3
?+
% - &
1
.
"
/
''6$ 2 6 "9
7"3@6!9/
%
?
5
%
G
''6$ 3
7"3@6!9/
?+(
#"3@6!9/
1
' !
>
(
.
?+
?+(
#0 "''6! &!
" ! )'6 "
/ "'' &!< " /
&
?+
G
% M
% - &
2
1
. "
/
''6$ 3
3 & !2
%
I((%
;
>
''6$ 3
9" & !2
%
%
I( (% ?
"6 '1 3
' !
?5
;;
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com