Electronic Components Datasheet Search
  English  ▼

X  

HM2802 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2802 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Typical Performance Characteristics (1) (2)
Note (1): Performance waveforms are tested on the evaluation board.
Note (2): VIN =12V, VOUT=2 Series LED, L=6.8µH, TA = +25ºC, unless otherwise noted.
Efficiency vs. LED current
VIN=18V
LED Current vs Analog Dimming Voltage
VIN=12V, RS=0.067Ω
Steady State
VIN=12V, ILED=1.5A
Shutdown through VIN
ILED=0.5A
Efficiency vs. LED Current
Load=2 LED
LED Current vs Input Voltage
LOAD=2 LED, RS=0.1Ω
Start-Up through VIN
ILED =0.5A
Shutdown through VIN
ILED=1.5A
LED Current vs. PWM Duty Cycle
VIN =18V, Load=3 LED, RS=0.1Ω
Steady State
VIN =12V, ILED=0.5A
Start-Up through VIN
ILED=1.5A
LED+ Short to GND Steady state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com