Electronic Components Datasheet Search
  English  ▼

X  

HM2802 Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Layout Guidelines
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance of
a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss in
the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability. Good
layout can be implemented by following a few simple design rules.
1. Minimize area of switched current loops. Input capacitor should be placed as close as possible to the VIN
terminal. Grounding for both the input and output capacitors should consist of a small localized topside plane
that connects to GND. The inductor should be placed as close as possible to the SW pin and output capacitor.
2. Minimize the copper area of the switch node. The SW terminals should be directly connected with a trace that
runs on top side directly to the inductor. To minimize IR losses this trace should be as short as possible and with
an enough width. However, a trace that is wider than 100 mils will increase the copper area and cause too much
capacitive loading on the SW terminal. The inductors should be placed as close as possible to the SW terminals
to further minimize the copper area of the switch node.
3. Have a single point ground for all device analog grounds. The ground connections for the feedback components
should be connected then routed to the GND pin of the device. This prevents any switched or load currents from
flowing in the analog ground plane. If not properly handled, poor grounding can result in degraded load
regulation or erratic switching behavior.
4. Minimize trace length to the FB terminal. The feedback trace should be routed away from the SW pin and
inductor to avoid contaminating the feedback signal with switch noise.
5. Make input and output bus connections as wide as possible. This reduces any voltage drops on the input or
output of the converter and can improve efficiency. If voltage accuracy at the load is important make sure
feedback voltage sense is made at the load. Doing so will correct for voltage drops at the load and provide the
best output accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com