Electronic Components Datasheet Search
  English  ▼

X  

HM2802 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Functional Block Diagram
Bias&Ref
Dimming Curve
Conversion
Regulator
Error Amplifier
Slope
Compensation
Comparator
Fault
Detection
1MHz
Clock
OTP
Driver
Valley Curve
Detection
Peak Curve
Detection
DIM
FB
IN
BS
SW
GND
Block Diagram
Functions Description
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip from operating at an insufficient supply voltage. UVLO protection
monitors the internal regulator voltage. When the voltage is lower than UVLO threshold voltage, 4.1V(typical), the
device is shut off. The UVLO threshold has approximately 400mV of hysteresis, so the part operates until VIN
drops below 3.7V(typical). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
Dimming and Enable/Disable
When the input voltage is above maximal UVLO rising threshold and the DIM pin is pulled high (above 1.2V), the
HM2802 is enabled. When the DIM pin is pulled low (below 0.55V), the HM2802 goes into shutdown mode. In
shutdown mode, less than 1μA input current is consumed. The DIM pin allows disabling and enabling of the device
as well as brightness control of the LEDs by applying a PWM signal. When a PWM signal is applied, the LED
current is turned on when the DIM is high and off when DIM is pulled low. Changing the PWM duty cycle therefore
changes the LED brightness. Meanwhile, add a 0.65V to 1.2V voltage to the DIM to adjust the LED current linearly.
When dimming is not needed, we can connect DIM and VIN through a resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com