Electronic Components Datasheet Search
  English  ▼

X  

HM2802 Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Package Description
TOP VIEW
RECOMMENDED PAD LAYOUT
FRONT VIEW
SIDE VIEW
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
NOTE:
1. CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
3. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
4. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX.
5. DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6. DRAWING IS NOT TO SCALE.
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
NOTE:
1. CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
3. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
4. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX.
5. DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6. DRAWING IS NOT TO SCALE.
SOT23-6
GAUGE PLANE
0.25 BSC
0.30
0.55
0°~8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com