Electronic Components Datasheet Search
  English  ▼

X  

HM2802 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Applications Information
Setting the LED Current
The LED current is controlled by the feedback resistor, RS1, in the following table. The current through the LEDs is
given by the equation 100mV/RS1. Following table shows the selection of resistors for a given LED current.
ILED (A)
R1 (Ω)
1.5
0.067
1
0.1
0.1
1
RS1=0.1 / ILED
ILED is average LED current.
Analog/PWM Dimming Control
1.Using a PWM Signal to DIM Pin
For controlling the LED brightness, the HM2802 can perform the dimming control by applying a PWM signal to
DIM pin. The internal soft start and the wide range dimming frequency can eliminate inrush current and audio noise
when dimming. The average LED current is proportional to the PWM signal duty cycle. The magnitude of the PWM
signal should be higher than the minimum enable voltage of DIM pin, in order to let the dimming control, perform
correctly, a 3V<= DIM <=VIN voltage is recommended.
2.Using a DC Voltage
When the VIN remains at a normal operating voltage, we can add a 0.65V to 1.2V DC voltage at the DIM Pin to
adjust the brightness of the LED lamp group.
DIM
RDM1 10KΩ
RDIM2
1MΩ
CDIM1
0.1μF
Dimming
Signal
3
0.65V to 1.2V
When the applied voltage signal increases linearly in the range of 0.65V to 1.2V, the current passing through the
LED will increase linearly and reach the set maximum (VFB/RS1) value around 1.2V, as shown in the following
graph. When the applied voltage exceeds 1.2V, the LED current will no longer increase linearly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com