Electronic Components Datasheet Search
  English  ▼

X  

HM2802 Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Inductor Selection
Select the appropriate inductance value according to different number of series lamp groups. For most applications,
4.7 to 10μH are recommended. Small size and better efficiency are the major concerns for portable device, such as
HM2802 used for mobile phone.
When selecting the inductor, the inductor saturation current should be rated as high
as the peak inductor current at maximum load, and respectively, maximum LED current.
Output Capacitor Selection
The device is designed to operate with a wide selection of ceramic output capacitors. The selection of the output
capacitor value is a trade-off between output voltage ripple and capacitor cost and form factor. In general, capacitor
values of 10µF up to 22µF can be used. For better voltage filtering, ceramic capacitors with low ESR are recommended.
X5R and X7R types are suitable because of their wider voltage and temperature ranges.
Input Capacitor Selection
For good input voltage filtering, low ESR ceramic capacitors are recommended. A 10µF ceramic input capacitor is
sufficient for most of the applications. For better input voltage filtering and EMI reduction, this value can be
increased. The input capacitor should be placed as close as possible to the input pin of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com