Electronic Components Datasheet Search
  English  ▼

X  

R87F Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 2Page - Omron Electronics LLC R87F Datasheet HTML 3Page - Omron Electronics LLC R87F Datasheet HTML 4Page - Omron Electronics LLC R87F Datasheet HTML 5Page - Omron Electronics LLC R87F Datasheet HTML 6Page - Omron Electronics LLC R87F Datasheet HTML 7Page - Omron Electronics LLC R87F Datasheet HTML 8Page - Omron Electronics LLC R87F Datasheet HTML 9Page - Omron Electronics LLC R87F Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
AC Axial Fans with Terminals (92
× 92 × t25 mm)
R87F-A
@A93
Specifications
Ratings and Ordering Information
Note: An asterisk (
*) indicates a nominal value.
Characteristics
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
current
(A)
*
Rated input
(W)
*
Rated
rotational
speed
(r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static
pressure
(Pa)
*
Noise (dB)
*
Model
50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60Hz 50 Hz 60 Hz 50 Hz 60 Hz
R87F-A1A93HP
100 VAC
85% to 110%
rated voltage 50/60
0.150 0.130
13
11
2,550 3,050 0.9
1.0
49.0
68.6
33
36
R87F-A3A93HP
115 VAC
0.125 0.100
R87F-A4A93HP
200 VAC
0.070 0.060
R87F-A6A93HP
230 VAC
0.055 0.050
R87F-A1A93LP
100 VAC
85% to 110%
rated voltage 50/60
0.100 0.085
76
1,900 2,200 0.7
0.8
24.5
34.3
29
32
R87F-A3A93LP
115 VAC
0.090 0.075
R87F-A4A93LP
200 VAC
0.050 0.043
R87F-A6A93LP
230 VAC
0.045 0.040
Motor type
Single-phase shading coil induction motor (2-pole, open type)
Terminal type
Terminals
Insulation class
IEC class B (130
°C)
UL class A (105
°C)
CSA class A (105
°C)
Insulation resistance
100 M
Ω min. (at 500 VDC) between all power supply connections and uncharged metal parts.
Insulation withstand voltage
2,000 VAC (1 minute) between all power supply connections and uncharged metal parts.
Ambient operating temperature
−30 to 70°C (no icing)
Ambient storage temperature
−40 to 85°C (no icing)
Ambient humidity
25% to 85%
Protection
Impedance protection
Materials
Frame: Die-cast aluminum
Blades: Glass polycarbonate
Bearings
Ball bearings
Weight
Approx. 300 g
Compliant standards
PSE, EN/IEC 60335 (CE marking compliant)
Certified standards
UL/CSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com