Electronic Components Datasheet Search
  English  ▼

X  

R87F Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 18Page - Omron Electronics LLC R87F Datasheet HTML 19Page - Omron Electronics LLC R87F Datasheet HTML 20Page - Omron Electronics LLC R87F Datasheet HTML 21Page - Omron Electronics LLC R87F Datasheet HTML 22Page - Omron Electronics LLC R87F Datasheet HTML 23Page - Omron Electronics LLC R87F Datasheet HTML 24Page - Omron Electronics LLC R87F Datasheet HTML 25Page - Omron Electronics LLC R87F Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
Water-resistant AC Axial Fans with Lead Wires (120
× 120 × t38 mm)
R87T-A
@A15H-WR
Specifications
Ratings and Ordering Information
Note: An asterisk (
*) indicates a nominal value.
Characteristics
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
current
(A)
*
Rated input
(W)
*
Rated
rotational
speed
(r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static
pressure
(Pa)
*
Noise (dB)
*
Model
50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60Hz 50 Hz 60 Hz 50 Hz 60 Hz
R87T-A1A15H-WR 100 VAC
85% to 110%
rated voltage 50/60
0.350 0.280
22
20
2,550 2,900 2.7
3.2
75.0
80.0
42
46
R87T-A3A15H-WR 115 VAC
0.300 0.240
R87T-A4A15H-WR 200 VAC
0.170 0.135
R87T-A6A15H-WR 200 to 230
VAC
0.145 0.115 15 to 22
Motor type
Single-phase shading coil induction motor (2-pole, open type)
Terminal type
Lead wires
Insulation class
IEC class B (130
°C)
UL class A (105
°C)
CSA class A (105
°C)
Insulation resistance
100 M
Ω min. (at 500 VDC) between all power supply connections and uncharged metal parts.
Insulation withstand voltage
2,000 VAC (1 minute) between all power supply connections and uncharged metal parts.
Degree of protection
IP X7
Ambient operating temperature
−40 to 70°C (no icing)
Ambient storage temperature
−40 to 85°C (no icing)
Ambient humidity
95% max.
Protection
Impedance protection
Materials
Frame
Die-cast aluminum
Black coating
Blades
Zinc die-cast
Bearings
Ball bearings
Weight
Approx. 650 g
Standards
EN/IEC 60335 (CE marking compliant)
Certified standards
C
UL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com