Electronic Components Datasheet Search
  English  ▼

X  

R87F Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 20Page - Omron Electronics LLC R87F Datasheet HTML 21Page - Omron Electronics LLC R87F Datasheet HTML 22Page - Omron Electronics LLC R87F Datasheet HTML 23Page - Omron Electronics LLC R87F Datasheet HTML 24Page - Omron Electronics LLC R87F Datasheet HTML 25Page - Omron Electronics LLC R87F Datasheet HTML 26Page - Omron Electronics LLC R87F Datasheet HTML 27Page - Omron Electronics LLC R87F Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Plug Cord
R87F-PC
Accessories (Order Separately)
Available Models
Dimensions
(Unit: mm)
Note: This Plug Cord is used for Axial Fans with terminals.
Cord length
Model number
Weight (g)
1 m
R87F-PC
39
2 m
R87F-PC-20
69
R87F-PC Rating: 250 VAC, 3 A
UL-certified Plug Cord
15.5±0.5
9±0.5
7.5±0.5
18±0.5
(8)
1,000
23.5±0.5
R87F-PC
Connectable to Faston #110 terminals (or equivalent).
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com