Electronic Components Datasheet Search
  English  ▼

X  

R87F Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 4Page - Omron Electronics LLC R87F Datasheet HTML 5Page - Omron Electronics LLC R87F Datasheet HTML 6Page - Omron Electronics LLC R87F Datasheet HTML 7Page - Omron Electronics LLC R87F Datasheet HTML 8Page - Omron Electronics LLC R87F Datasheet HTML 9Page - Omron Electronics LLC R87F Datasheet HTML 10Page - Omron Electronics LLC R87F Datasheet HTML 11Page - Omron Electronics LLC R87F Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
AC Axial Fans with Terminals (120
× 120 × t25 mm)
R87F-A
@A13
Specifications
Ratings and Ordering Information
Note: An asterisk (
*) indicates a nominal value.
Characteristics
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
current
(A)
*
Rated input
(W)
*
Rated
rotational
speed
(r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static
pressure
(Pa)
*
Noise (dB)
*
Model
50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60Hz 50 Hz 60 Hz 50 Hz 60 Hz
R87F-A1A13HP
100 VAC
85% to 110%
rated voltage 50/60
0.180 0.150
14
12
2,400 2,800 1.9
2.2
44
42
39
43
R87F-A3A13HP
115 VAC
0.160 0.130
R87F-A4A13HP
200 VAC
0.090 0.075
R87F-A6A13HP
230 VAC
0.080 0.070
R87F-A1A13LP
100 VAC
85% to 110%
rated voltage 50/60
0.140 0.120
12
10
1,700 2,000 1.3
1.5
20
24
32
34
R87F-A3A13LP
115 VAC
0.130 0.110
R87F-A4A13LP
200 VAC
0.080 0.060
R87F-A6A13LP
230 VAC
0.060 0.050
Motor type
Single-phase shading coil induction motor (2-pole, open type)
Terminal type
Terminals
Insulation class
IEC class B (130
°C)
cULus class B (130
°C)
Insulation resistance
100 M
Ω min. (at 500 VDC) between all power supply connections and uncharged metal parts.
Insulation withstand voltage
2,000 VAC (1 minute) between all power supply connections and uncharged metal parts.
Ambient operating temperature
–30 to 70
°C (no icing)
Ambient storage temperature
–40 to 85
°C (no icing)
Ambient humidity
25% to 85%
Protection
Impedance protection
Materials
Frame: Die-cast aluminum
Blades: Glass polycarbonate
Bearings
Ball bearings
Weight
Approx. 350 g
Compliant standards
PSE, EN/IEC 60335 (CE marking compliant)
Certified standards
cULus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com