Electronic Components Datasheet Search
  English  ▼

X  

R87F Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 15Page - Omron Electronics LLC R87F Datasheet HTML 16Page - Omron Electronics LLC R87F Datasheet HTML 17Page - Omron Electronics LLC R87F Datasheet HTML 18Page - Omron Electronics LLC R87F Datasheet HTML 19Page - Omron Electronics LLC R87F Datasheet HTML 20Page - Omron Electronics LLC R87F Datasheet HTML 21Page - Omron Electronics LLC R87F Datasheet HTML 22Page - Omron Electronics LLC R87F Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
R87F/R87T
Flow Rate and Static Pressure Characteristics (Reference Value)
Note: For details on measurement conditions, refer to Flow Rate and Static Pressure on Safety Precautions for All Axial Fans.
Dimensions
(Unit: mm)
Panel Cutouts
Options
R87T-A
@A05H
Name
Model
Datasheet available
Finger Guard
R87F-FG150
Refer to page 25.
Flow rate: Q (m3 /min)
50 Hz
20
40
60
80
100
120
0
0
1.0
2.0
3.0
4.0
5.0
6.0
60 Hz
7
Ground Screw
Section
6±0.3
6±0.3
38±0.5
146 dia.
144 dia.
Direction of flow
175±1.5
Four, 4.3 dia.
151 dia.
Direction of rotation
300
0.5 sq
162±0.3
162±0.3
146 dia.
Two, 4.5 dia.
Outlet and Inlet
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com