Electronic Components Datasheet Search
  English  ▼

X  

R87F Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # R87F
Description  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button R87F Datasheet HTML 20Page - Omron Electronics LLC R87F Datasheet HTML 21Page - Omron Electronics LLC R87F Datasheet HTML 22Page - Omron Electronics LLC R87F Datasheet HTML 23Page - Omron Electronics LLC R87F Datasheet HTML 24Page - Omron Electronics LLC R87F Datasheet HTML 25Page - Omron Electronics LLC R87F Datasheet HTML 26Page - Omron Electronics LLC R87F Datasheet HTML 27Page - Omron Electronics LLC R87F Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
Finger Guards
R87F-FG
Accessories (Order Separately)
Available Models
Applicable Axial Fans
Note: Finger Guards reduce the flow rate by approximately 2% to 5%.
Dimensions
(Unit: mm)
Material: steel, Joints: spot welded, Surface: nickel-chrome plated
Size
Model number
Weight (g)
150 dia.
R87F-FG150
Approx. 58
120
× 120
R87F-FG120
Approx. 45
92
× 92
R87F-FG90
Approx. 25
80
× 80
R87F-FG80
Approx. 20
AC Axial Fan
Finger Guard
Size
Model
150 dia.
R87T-A
@A0 Series
R87F-FG150
120
× 120
R89F-DS1225
@ series
R89F-DS1238
@ series
R89F-MS1238HP
R87F-FG120
R87F-A
@A1 Series
R87T-A
@A1 Series
90
× 90
R89F-MS0938
@P series
R87F-FG90
92
× 92
R87F-A
@A9 Series
R87F-FG90
80
× 80
R87F-A
@A8 Series
R87T-A
@A8 Series
R87F-FG80
162.6
22 dia.
27 dia.
6
5.5
6
R87F-FG150
5.6
105±0.5
105±0.5
Four, 4.6±0.3 dia.
R87F-FG120
Four, 4.6 dia.
5
82.4
82.4
R87F-FG90
71.5
71.5
5.5
Four, 4.6
+0.2
0
dia.
R87F-FG80
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com