Electronic Components Datasheet Search
  English  ▼

X  

ESP32 Datasheet(PDF) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
5. Electrical Characteristics
Reliability tests
Standards
Test conditions
Result
Moisture Sensitivity Level (MSL)
J-STD-020, MSL 3
30 °C, 60% RH, 192
hours, IR × 3 @260 °C
Pass
1. JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
2. JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
5.5 RF Power-Consumption Specifications
The power consumption measurements are taken with a 3.3 V supply at 25 °C of ambient temperature at the RF
port. All transmitters’ measurements are based on a 50% duty cycle.
Table 15: RF Power-Consumption Specifications
Mode
Min
Typ
Max
Unit
Transmit 802.11b, DSSS 1 Mbps, POUT = +19.5 dBm
-
240
-
mA
Transmit 802.11g, OFDM 54 Mbps, POUT = +16 dBm
-
190
-
mA
Transmit 802.11n, OFDM MCS7, POUT = +14 dBm
-
180
-
mA
Receive 802.11b/g/n
-
95
~ 100
-
mA
Transmit BT/BLE, POUT = 0 dBm
-
130
-
mA
Receive BT/BLE
-
95
~ 100
-
mA
5.6 Wi-Fi Radio
Table 16: Wi-Fi Radio Characteristics
Parameter
Condition
Min
Typical
Max
Unit
Operating frequency range note1
-
2412
-
2484
MHz
Output impedance note2
-
-
note 2
-
Ω
TX power note3
11n, MCS7
12
13
14
dBm
11b mode
18.5
19.5
20.5
dBm
Sensitivity
11b, 1 Mbps
-
–98
-
dBm
11b, 11 Mbps
-
–88
-
dBm
11g, 6 Mbps
-
–93
-
dBm
11g, 54 Mbps
-
–75
-
dBm
11n, HT20, MCS0
-
–93
-
dBm
11n, HT20, MCS7
-
–73
-
dBm
11n, HT40, MCS0
-
–90
-
dBm
11n, HT40, MCS7
-
–70
-
dBm
Adjacent channel rejection
11g, 6 Mbps
-
27
-
dB
11g, 54 Mbps
-
13
-
dB
11n, HT20, MCS0
-
27
-
dB
11n, HT20, MCS7
-
12
-
dB
Espressif Systems
37
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com