Electronic Components Datasheet Search
  English  ▼

X  

ESP32 Datasheet(PDF) 62 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 62 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 61Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 62Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 63Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 64Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Revision History
Date
Version
Release notes
2018.05
V2.2
• Changed the voltage range of VDD3P3_RTC from 1.8-3.6V to 2.3-3.6V in
Table 1: Pin Description;
• Updated Section 2.3: Power Scheme;
• Updated Section 3.1.3: External Flash and SRAM;
• Updated Table 6: Power Consumption by Power Modes;
• Deleted content about temperature sensor;
Changes to electrical characteristics:
• Updated Table 11: Absolute Maximum Ratings;
• Added Table 12: Recommended Operating Conditions;
• Added Table 13: DC Characteristics;
• Added Table 14: Reliability Qualifications;
• Updated the values of ”Gain control step” and ”Adjacent channel transmit
power” in Table 18: Transmitter Characteristics - Basic Data Rate;
• Updated the values of ”Gain control step”, ”π/4 DQPSK modulation accu-
racy”, ”8 DPSK modulation accuracy” and ”In-band spurious emissions” in
Table 20: Transmitter Characteristics – Enhanced Data Rate;
• Updated the values of ”Gain control step”, ”Adjacent channel transmit
power” in Table 22: Transmitter Characteristics - BLE.
2018.01
V2.1
• Deleted software-specific features;
• Deleted information on LNA pre-amplifier;
• Specified the CPU speed and flash speed of ESP32-D2WD;
• Added notes to Section 2.3: Power Scheme.
2017.12
V2.0
Added a note on the sequence of pin number in Chapter 6.
2017.10
V1.9
• Updated the description of the pin CHIP_PU in Table 1;
• Added a note to Section 2.3: Power Scheme;
• Updated the description of the chip’s system reset in Section 2.4: Strapping
Pins;
• Added a description of antenna diversity and selection to Section 3.5.1;
• Deleted ”Association sleep pattern” in Table 6 and added notes to Active
sleep and Modem-sleep.
2017.08
V1.8
• Added Table 4.2 in Section 4;
• Corrected a typo in Figure 1.
Espressif Systems
55
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com