Electronic Components Datasheet Search
  English  ▼

X  

ESP32 Datasheet(PDF) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Appendix A
Same input
Signal
Default value
signal from
Output enable
No.
Input signals
if unassigned
IO_MUX
core
Output signals
of output signals
78
pcnt_ctrl_ch1_in6
0
no
ledc_hs_sig_out7
1’d1
79
pcnt_sig_ch0_in7
0
no
ledc_ls_sig_out0
1’d1
80
pcnt_sig_ch1_in7
0
no
ledc_ls_sig_out1
1’d1
81
pcnt_ctrl_ch0_in7
0
no
ledc_ls_sig_out2
1’d1
82
pcnt_ctrl_ch1_in7
0
no
ledc_ls_sig_out3
1’d1
83
rmt_sig_in0
0
no
ledc_ls_sig_out4
1’d1
84
rmt_sig_in1
0
no
ledc_ls_sig_out5
1’d1
85
rmt_sig_in2
0
no
ledc_ls_sig_out6
1’d1
86
rmt_sig_in3
0
no
ledc_ls_sig_out7
1’d1
87
rmt_sig_in4
0
no
rmt_sig_out0
1’d1
88
rmt_sig_in5
0
no
rmt_sig_out1
1’d1
89
rmt_sig_in6
0
no
rmt_sig_out2
1’d1
90
rmt_sig_in7
0
no
rmt_sig_out3
1’d1
91
-
-
-
rmt_sig_out4
1’d1
92
-
-
-
rmt_sig_out6
1’d1
94
-
-
-
rmt_sig_out7
1’d1
95
I2CEXT1_SCL_in
1
no
I2CEXT1_SCL_out
1’d1
96
I2CEXT1_SDA_in
1
no
I2CEXT1_SDA_out
1’d1
97
host_card_detect_n_1
0
no
host_ccmd_od_pullup_en_n
1’d1
98
host_card_detect_n_2
0
no
host_rst_n_1
1’d1
99
host_card_write_prt_1
0
no
host_rst_n_2
1’d1
100
host_card_write_prt_2
0
no
gpio_sd0_out
1’d1
101
host_card_int_n_1
0
no
gpio_sd1_out
1’d1
102
host_card_int_n_2
0
no
gpio_sd2_out
1’d1
103
pwm1_sync0_in
0
no
gpio_sd3_out
1’d1
104
pwm1_sync1_in
0
no
gpio_sd4_out
1’d1
105
pwm1_sync2_in
0
no
gpio_sd5_out
1’d1
106
pwm1_f0_in
0
no
gpio_sd6_out
1’d1
107
pwm1_f1_in
0
no
gpio_sd7_out
1’d1
108
pwm1_f2_in
0
no
pwm1_out0a
1’d1
109
pwm0_cap0_in
0
no
pwm1_out0b
1’d1
110
pwm0_cap1_in
0
no
pwm1_out1a
1’d1
111
pwm0_cap2_in
0
no
pwm1_out1b
1’d1
112
pwm1_cap0_in
0
no
pwm1_out2a
1’d1
113
pwm1_cap1_in
0
no
pwm1_out2b
1’d1
114
pwm1_cap2_in
0
no
pwm2_out1h
1’d1
115
pwm2_flta
1
no
pwm2_out1l
1’d1
116
pwm2_fltb
1
no
pwm2_out2h
1’d1
117
pwm2_cap1_in
0
no
pwm2_out2l
1’d1
118
pwm2_cap2_in
0
no
pwm2_out3h
1’d1
Espressif Systems
49
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com