Electronic Components Datasheet Search
  English  ▼

X  

SAMD21J Datasheet(PDF) 27 Page - Microchip Technology

Part # SAMD21J
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21J Datasheet(HTML) 27 Page - Microchip Technology

Back Button SAMD21J Datasheet HTML 23Page - Microchip Technology SAMD21J Datasheet HTML 24Page - Microchip Technology SAMD21J Datasheet HTML 25Page - Microchip Technology SAMD21J Datasheet HTML 26Page - Microchip Technology SAMD21J Datasheet HTML 27Page - Microchip Technology SAMD21J Datasheet HTML 28Page - Microchip Technology SAMD21J Datasheet HTML 29Page - Microchip Technology SAMD21J Datasheet HTML 30Page - Microchip Technology SAMD21J Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
(INTFLAG) register. The interrupt flag is set when the interrupt condition occurs. Each interrupt in the
peripheral can be individually enabled by writing a one to the corresponding bit in the peripheral’s
Interrupt Enable Set (INTENSET) register, and disabled by writing a one to the corresponding bit in the
peripheral’s Interrupt Enable Clear (INTENCLR) register. An interrupt request is generated from the
peripheral when the interrupt flag is set and the corresponding interrupt is enabled. The interrupt requests
for one peripheral are ORed together on system level, generating one interrupt request for each
peripheral. An interrupt request will set the corresponding interrupt pending bit in the NVIC interrupt
pending registers (SETPEND/CLRPEND bits in ISPR/ICPR). For the NVIC to activate the interrupt, it
must be enabled in the NVIC interrupt enable register (SETENA/CLRENA bits in ISER/ICER). The NVIC
interrupt priority registers IPR0-IPR7 provide a priority field for each interrupt.
Table 7-3. Interrupt Line Mapping
Peripheral Source
NVIC Line
EIC NMI – External Interrupt Controller
NMI
PM – Power Manager
0
SYSCTRL – System Control
1
WDT – Watchdog Timer
2
RTC – Real Time Counter
3
EIC – External Interrupt Controller
4
NVMCTRL – Non-Volatile Memory Controller
5
DMAC - Direct Memory Access Controller
6
USB - Universal Serial Bus
7
EVSYS – Event System
8
SERCOM0 – Serial Communication Interface 0
9
SERCOM1 – Serial Communication Interface 1
10
SERCOM2 – Serial Communication Interface 2
11
SERCOM3 – Serial Communication Interface 3
12
SERCOM4 – Serial Communication Interface 4
13
SERCOM5 – Serial Communication Interface 5
14
TCC0 – Timer Counter for Control 0
15
TCC1 – Timer Counter for Control 1
16
TCC2 – Timer Counter for Control 2
17
TC3 – Timer Counter 3
18
TC4 – Timer Counter 4
19
TC5 – Timer Counter 5
20
TC6 – Timer Counter 6
21
TC7 – Timer Counter 7
22
ADC – Analog-to-Digital Converter
23
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com