Electronic Components Datasheet Search
  English  ▼

X  

SAMD21J Datasheet(PDF) 55 Page - Microchip Technology

Part # SAMD21J
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21J Datasheet(HTML) 55 Page - Microchip Technology

Back Button SAMD21J Datasheet HTML 51Page - Microchip Technology SAMD21J Datasheet HTML 52Page - Microchip Technology SAMD21J Datasheet HTML 53Page - Microchip Technology SAMD21J Datasheet HTML 54Page - Microchip Technology SAMD21J Datasheet HTML 55Page - Microchip Technology SAMD21J Datasheet HTML 56Page - Microchip Technology SAMD21J Datasheet HTML 57Page - Microchip Technology SAMD21J Datasheet HTML 58Page - Microchip Technology SAMD21J Datasheet HTML 59Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
Table 8-29. Device and Package Maximum Weight
6.22
mg
Table 8-30. Package Characteristics
Moisture Sensitivity Level
MSL1
Table 8-31. Package Reference
JEDEC Drawing Reference
N/A
JESD97 Classification
e1
8.3
Soldering Profile
The following table gives the recommended soldering profile from J-STD-20.
Table 8-32. 
Profile Feature
Green Package
Average Ramp-up Rate (217°C to peak)
3°C/s max.
Preheat Temperature 175°C ±25°C
150-200°C
Time Maintained Above 217°C
60-150s
Time within 5°C of Actual Peak Temperature
30s
Peak Temperature Range
260°C
Ramp-down Rate
6°C/s max.
Time 25°C to Peak Temperature
8 minutes max.
A maximum of three reflow passes is allowed per component.
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com