Electronic Components Datasheet Search
  English  ▼

X  

SAMD21J Datasheet(PDF) 6 Page - Microchip Technology

Part # SAMD21J
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21J Datasheet(HTML) 6 Page - Microchip Technology

Back Button SAMD21J Datasheet HTML 2Page - Microchip Technology SAMD21J Datasheet HTML 3Page - Microchip Technology SAMD21J Datasheet HTML 4Page - Microchip Technology SAMD21J Datasheet HTML 5Page - Microchip Technology SAMD21J Datasheet HTML 6Page - Microchip Technology SAMD21J Datasheet HTML 7Page - Microchip Technology SAMD21J Datasheet HTML 8Page - Microchip Technology SAMD21J Datasheet HTML 9Page - Microchip Technology SAMD21J Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
2.
Configuration Summary
SAM D21J
SAM D21G
SAM D21E
Pins
64
48 (45 for WLCSP)
32 (35 for WLCSP)
General Purpose I/O-pins
(GPIOs)
52
38
26
Flash
256/128/64/32KB
256/128/64/32KB
256/128/64/32KB
SRAM
32/16/8/4KB
32/16/8/4KB
32/16/8/4KB
Timer Counter (TC)
instances
5
3
3
Waveform output channels
per TC instance
2
2
2
Timer Counter for Control
(TCC) instances
3
3
3
Waveform output channels
per TCC
8/4/2
8/4/2
6/4/2
DMA channels
12
12
12
USB interface
1
1
1
Serial Communication
Interface (SERCOM)
instances
6
6
4
Inter-IC Sound (I2S)
interface
1
1
1
Analog-to-Digital Converter
(ADC) channels
20
14
10
Analog Comparators (AC)
2
2
2
Digital-to-Analog Converter
(DAC) channels
1
1
1
Real-Time Counter (RTC)
Yes
Yes
Yes
RTC alarms
1
1
1
RTC compare values
One 32-bit value or
two 16-bit values
One 32-bit value or
two 16-bit values
One 32-bit value or
two 16-bit values
External Interrupt lines
16
16
16
Peripheral Touch Controller
(PTC) X and Y lines
16x16
12x10
10x6
Maximum CPU frequency
48MHz
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com