Electronic Components Datasheet Search
  English  ▼

X  

SAMD21J Datasheet(PDF) 43 Page - Microchip Technology

Part # SAMD21J
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21J Datasheet(HTML) 43 Page - Microchip Technology

Back Button SAMD21J Datasheet HTML 39Page - Microchip Technology SAMD21J Datasheet HTML 40Page - Microchip Technology SAMD21J Datasheet HTML 41Page - Microchip Technology SAMD21J Datasheet HTML 42Page - Microchip Technology SAMD21J Datasheet HTML 43Page - Microchip Technology SAMD21J Datasheet HTML 44Page - Microchip Technology SAMD21J Datasheet HTML 45Page - Microchip Technology SAMD21J Datasheet HTML 46Page - Microchip Technology SAMD21J Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
8.
Packaging Information
8.1
Thermal Considerations
Related Links
Junction Temperature
8.1.1
Thermal Resistance Data
The following Table summarizes the thermal resistance data depending on the package.
Table 8-1. Thermal Resistance Data
Package Type
θJA
θJC
32-pin TQFP
64.7°C/W
23.1°C/W
48-pin TQFP
63.6°C/W
12.2°C/W
64-pin TQFP
60.9°C/W
12.2°C/W
32-pin QFN
40.9°C/W
15.2°C/W
48-pin QFN
32.0°C/W
10.9°C/W
64-pin QFN
32.5°C/W
10.7°C/W
35-ball WLCSP
41.8°C/W
2.26°C/W
8.1.2
Junction Temperature
The average chip-junction temperature, TJ, in °C can be obtained from the following:
1.
TJ = TA + (PD x θJA)
2.
TJ = TA + (PD x (θHEATSINK + θJC))
where:
•
θJA = Package thermal resistance, Junction-to-ambient (°C/W), see Thermal Resistance Data
•
θJC = Package thermal resistance, Junction-to-case thermal resistance (°C/W), see Thermal
Resistance Data
•
θHEATSINK = Thermal resistance (°C/W) specification of the external cooling device
•
PD = Device power consumption (W)
•
TA = Ambient temperature (°C)
From the first equation, the user can derive the estimated lifetime of the chip and decide if a cooling
device is necessary or not. If a cooling device is to be fitted on the chip, the second equation should be
used to compute the resulting average chip-junction temperature TJ in °C.
Related Links
Thermal Considerations
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com