| Electronic Components Datasheet Search |
|
SAMD21J Datasheet(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMD21J Datasheet(HTML) 42 Page - Microchip Technology |
|
42 / 59 page ![]() Value Description 0 Write-protection is disabled. 1 Write-protection is enabled. Bit 16 – ADC Writing a zero to these bits has no effect. Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals. Value Description 0 Write-protection is disabled. 1 Write-protection is enabled. Bits 11, 12, 13, 14, 15 – TC3, TC4, TC5, TC6, TC7 Writing a zero to these bits has no effect. Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals. Value Description 0 Write-protection is disabled. 1 Write-protection is enabled. Bits 8, 9, 10 – TCCn Writing a zero to these bits has no effect. Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals. Value Description 0 Write-protection is disabled. 1 Write-protection is enabled. Bits 2, 3, 4, 5, 6, 7 – SERCOMn Writing a zero to these bits has no effect. Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals. Value Description 0 Write-protection is disabled. 1 Write-protection is enabled. Bit 1 – EVSYS Writing a zero to these bits has no effect. Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals. Value Description 0 Write-protection is disabled. 1 Write-protection is enabled. 32-bit ARM-Based Microcontrollers © 2017 Microchip Technology Inc. Datasheet Summary 40001884A-page 42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |