Electronic Components Datasheet Search
  English  ▼

X  

T1024 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # T1024
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 4Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 5Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 6Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 7Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 9Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 10Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 11Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
NOTE
Due to RCW limitations, SGMII 2.5G Ethernet port cannot
work with XFI 10GBase-T port and MAC3 RGMII
ethernet port in the same mode.
• CPLD
• Manages system power and reset sequencing
• Configures DUT, board, and clock with dynamic shmoo
• Reset and interrupt monitor and control
• General fault monitoring and logging
• Sleep mode control
• Clocks
• System and DDR clock or single differential clock
• SerDes clocks: : Clocks are provided to all SerDes blocks and slots. Supported
clock frequencies are:
• 100 MHz
• 125 MHz
• 156.25 MHz
• USB
• Supports two USB 2.0 ports with integrated PHYs
• SDHC
• SDHC port connects directly to an adapter card slot
• SPI
• On-board support of two different devices
• Other IO
• Two serial ports with RJ45 interface
• Two I2C ports
NOTE
For details on T1024 silicon features and block diagram, see
QorIQ T1024 Reference Manual
.
T1024RDB board features
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
8
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com